|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
9X14 mm SMD,3.3V,HCMOS Frequency Range: Frequency Stability: Temperature Range: Operating: (Option M) (Option E) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Logic: Load: Jitter RMS: 12KHz~20MHz Aging: Y33xx Model ree dF ea oHS nt L R plia m Co Clock Oscillator 1.544MHz to 66.667MHz 25ppm,50ppm,100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 20mA Max @ 66MHZ HCMOS 45/55% Max @ 50% Vdd 8ns Max @ 20% to 80% Vdd "0" = 10% Vdd Max "1" = 90% Vdd Min 30pF Max 0.5ps Typ, 1ps Max <3ppm 1st/yr, 1ppm every year thereafter Designed to meet today's requirements for low jitter 3.3V applications. The Y33xx Series is a Non-PLL based oscillator design for excellent jitter performance. Available on tape and reel in quantities of 1K. Dimensions inches (mm) All dimensions are Max unless otherwise specified. .200 (5.08) 4 .340 (8.64) 3 .386 (9.80) .551 (14.00) .160 (4.06) .020 (.51) .200 (5.08) .010 MIN (.25) .300 (7.62) .118 (3.00) .300 (7.62) CRYSTEK P/N DC 1 2 SUGGESTED PAD LAYOUT Bypass Capacitor Recommended .070 (1.78) RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE 260C 217C 200C 150C Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec. Crystek Part Number Guide Tri-State Function Function pin 1 Open "1" level 2.4V Min "0" level 0.4V Max Output pin Active Active High Z Example: Y3392-44.736MHZ Intermediate Temp: YM3392-44.736MHZ Extended Temp: YE3392-44.736MHZ Y= 0C to 70C *YM= -20C to 70C, *YE= -40C to 85C Symmetry 40/60% Part Number Y*3390 Y*3392 Y*3391 Freq. Stability +/-100ppm +/- 50ppm +/- 25ppm (+/- 100ppm only) -40C to 85C Preheat 180 Secs. Max. 8 Minutes Max. 90 Secs. Max. 260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable. mA M OUT pin 4 Vdd OUT pin 3 OSC. GND PWR Supply O/P Load incl Probe Cl VM Bypass Cap. pin 1 pin 2 High Impedance GND or "LOW" Oscillation OPEN or "HIGH" Specifications subject to change without notice. TD-050301 Rev.C |
Price & Availability of Y3392-44736MHZ |